Part Number Hot Search : 
B2312BS1 ISL2902 4410014 DSK39K39 6A10S A115E 1000W UESP05D
Product Description
Full Text Search
 

To Download DDTC123EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1 = R2 SERIES) KA
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4
A
SC-59 Dim A
BC
Min 0.35 1.50 2.70
Max 0.50 1.70 3.00
B C D
Mechanical Data
* * Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking Information: See Table Below & Page 4) Ordering Information: See Page 4 Weight: 0.008 grams (approximate) P/N DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA R1, R2 (NOM) 2.2K 4.7K 10K 22K 47K 100K Type Code N04 N08 N13 N17 N20 N24
0.95 1.90 2.90 0.013 1.00 0.35 0.10 0 3.10 0.10 1.30 0.55 0.20 8
G H K M
G H J K L M
OUT 3
C
* * * * * * *
J
D
L
All Dimensions in mm
IN B
R2
1
3
B
R1
C OUT
E
1 IN
2 GND(0)
GND (0)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA All Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 100 20 100 200 625 -55 to +150 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
IC (Max) Pd
mA mW C/W C
(Note 1)
RJA Tj, TSTG
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30337 Rev. 8 - 2
1 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) KA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic
@TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit Test Condition VCC = 5V, IO = 100A VO = 0.3V, IO = 20mA, DDTC123EKA VO = 0.3V, IO = 20mA, DDTC143EKA VO = 0.3V, IO = 10mA, DDTC114EKA VO = 0.3V, IO = 5mA, DDTC124EKA VO = 0.3V, IO = 2mA, DDTC144EKA VO = 0.3V, IO = 1mA, DDTC115EKA IO/Il =10mA/0.5mA, DDTC123EKA IO/Il =10mA/0.5mA, DDTC143EKA IO/Il =10mA/0.5mA, DDTC114EKA IO/Il =10mA/0.5mA, DDTC124EKA IO/Il =10mA/0.5mA, DDTC144EKA IO/Il =5mA/0.25mA, DDTC115EKA
Input Voltage Vl(on)
V 1.9 3
Output Voltage
VO(on)
0.1
0.3
V
Input Current
DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA
Il
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA VI = 5V
Output Current DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA
IO(off)
20 20 30 56 68 82 -30 0.8
A
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
1 250
+30 1.2
% MHz
DS30337 Rev. 8 - 2
2 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) KA
(c) Diodes Incorporated
Typical Curves - DDTC143EKA
250
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) 1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
150
75C -25C 25C
100
0.01
50
0
-50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001
0
10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
f = 1MHz
50
1,000
VCE = 10V
5
COB, CAPACITANCE (pF)
4
hFE, DC CURRENT GAIN
75 C
100
3
2
10
1
1
1
10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
100
0 0
20 5 25 10 15 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100
75C
10
IC, COLLECTOR CURRENT (mA)
25C
-25C
1
Vin, INPUT VOLTAGE (V)
10
10
1
0.1
0.01 0 1 8 9 6 7 3 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
0 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current 50
DS30337 Rev. 8 - 2
3 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) KA
(c) Diodes Incorporated
Ordering Information (Note 4 & 5)
Device DDTC123EKA-7-F DDTC143EKA-7-F DDTC114EKA-7-F DDTC124EKA-7-F DDTC144EKA-7-F DDTC115EKA-7-F
Notes:
Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX
NXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
YM
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30337 Rev. 8 - 2
4 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) KA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC123EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X